Part Number Hot Search : 
P1011 2N5551 BCX56 0AA61 SHD12 1N3322 42S16 UPD3798
Product Description
Full Text Search
 

To Download 22-15-3123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0022153123 Active
2.54mm (.100") Right Angle, Non-ZIF, Low Profile Receptacle, 12 Circuits
Agency Certification
UL E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 5229 ffc_fpc_throughhole N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Contact Position Entry Angle Flammability Mated Height (in) Mated Height (mm) Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type 12 Bottom 90 Angle 94V-0 0.260 In 6.60 mm 1 Right Angle 0.142 In 3.60 mm None Tray 0.100 In 2.54 mm No No No -40C to +105C Through Hole FFC/FPC
Search Parts in this Series 5229Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A, 1A 200V
Material Info
Old Part Number 5229-12APB
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-5229-001 PS-5229-003, PS-5229-004, PS-5229-005, PS-5229-006, PS-5229-007 SD-5229-NAPB
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-15-3123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X